Part Number Hot Search : 
A8264AHQ SK5200 50010 AD7548KP P4KE22 MC102 PPC405EP 312015
Product Description
Full Text Search
 

To Download UF4001-UF4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 1 notes: .0a,i rr =0.25a. 2. mount on cu-pad size m x 5mm on p.c.b. t sy f f f f f f f units uf4001 thru uf4007 1.0 amp. high efficient rectifiers voltage range 50 to 1000 volts current 1.0amperes do- 41 dimensions in inches and (millimeters) features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: molded plastic epoxy: ul 94v-0 rate flame retardant lead: axial leads, solderable per mil-std-202, method 208guaranteed polarity: color band denotes cathode end high temperature soldering guaranteed: 250 /10 seconds/.375,( 9.5mm) lead lengths at 5 lbs.,(2.3kg)tension weight:0.34 gram maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistiver or inductive load. for capactitive load, derate current by 20% ype number mbol u 4001 u 4002 u 4003 u 4004 u 4005 u 4006 u 4007 maximum repetitive peak reverse voltage v r 50 100 200 400 600 800 1000 v rm maximum rms voltage v r 35 70 140 280 420 560 700 v ms maximum dc blocking voltage v d 50 100 200 400 600 800 1000 v c maximum average forward rectified i f( av) 1.0 a current .375?(9.5mm) lead length @ t a =55c peak forward surge current 8.3ms single half sine-wave superimposed on rated load(jedec method) i fsm 30 a maximum instantaneous forward voltage @1.0a v f 1.0 1.7 v 1.3 maximum dc reverse current @ t a =25c i r 100 a at rated dc blocking voltage @ t a =100c 5.0 maximum reverse recovery time (not e 1) t r 50 75 r ns typical thermal resistance (no te2) r ja 70 /w operating temperature range t j -65 to +125 storage temperature range t stg -65 to +150 1.reverse recovery test conditions: i f =0.5a,i r =1 5m uf4001 thru uf4007
website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 2 rating and characteristic curves uf4001 thru uf4007 fig.1-maximum nono-rep titive forward surge current per bridge elelment fig. 2- maximum forward current derating curve number of cycles at 60hz a mbient temperature ( ) fig. 3-typical instantaneous forward characteristics per bridge element fig. 4-typical reverse char acteristics per bridge element instantaneous forward voltage (v) fig-5 reverse recover time characteristic and test circuit diagram notes:1. rise time=7 ns ma x. input impedance=1 megohm 2 2 p f 2. rise time=10ns max. sourse impedance=50 ohms set time base for 5/10ns/cm percent of rated peak reverse voltage .(v) note: specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of UF4001-UF4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X